|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RF AMPLIFIER MODEL QBH-105 Features ! ! ! ! High Gain: 12.2 dB Typical High Power: +8 dBm Typical Operating Temp. - 55 C to +100 C Environmental Screening Available Available as: QBH-105, 4 Pin TO-8 (T4) QBH-9-105, Connectorized Housing (ES E52-1501) Maximum Ratings Ambient Operating Temperature ................ -55C to +125 C Storage Temperature ............................... -65C to + 150 C Case Temperature ................................................. + 125 C DC Voltage ...................................................... + 18.0 Volts Continuous RF Input Power ................................. + 13 dBm Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.) Maximum Peak Power .................... 0.5 Watt (3 sec Max.) Note: 1. Specifications are guaranteed when tested in a 50 Ohm system. Specifications indicated as typical are not guaranteed. Specifications CHARACTERISTIC TYPICAL MIN/MAX Frequency Gain (dB) Gain vs. Temperature Gain Flatness Reverse Isolation (dB) VSWR In Out 1 dB Compression (dBm) Output Intercept point 3rd Order 2nd Order Noise Figure (dB) Power Vdc mA Ta= 25 C 5 - 300 MHz 12.2 0.5 0.4 -27 1.5:1 1.5:1 +8 +22 +30 3.0 +15 18 Ta = -55 C to +100 C 5 - 300 MHz +0.8/-0.6 Max. 0.9 Max. -27 Min. 1.7:1 Max. 1.7:1 Max. +7 Min. +21 +28 3.7 +15 19 Min. Min. Max. Max. Typical Performance Data 14 13 12 11 10 10 10 9 8 7 6 10 MHz 100 1000 MHz 100 1000 1.8 1.6 1.4 1.2 1.0 10 MHz 100 Input Gain (dB) Reverse Isolation (dB) -10 -20 -30 -40 -50 -60 -70 10 3.5 3.0 2.5 2.0 1.5 Noise Figure (dB) MHz 100 1000 1.0 10 MHz 100 1000 1 dB Comp. (dBm) Input/Output VSWR +25 C Output 3rd order intermodulation distortion (dBm) 25 24 23 22 21 20 10 1000 MHz 100 1000 Legend + 25 C FREQ. MHz + 100 C - - - - - - -55 C Linear S-Parameters Data ================================================================== 5 10.7 -24.8 12.6 -180.0 -171.3 -41.6 47.2 -31.3 176.2 9 9.8 -26.0 12.6 177.9 -41.3 18.4 -32.5 168.1 20 11.9 -27.6 12.6 173.6 -41.0 -18.5 -32.6 170.1 40 18.9 -29.0 12.6 166.6 -40.0 -51.8 -30.8 173.6 60 21.8 -29.8 12.6 159.7 -38.8 -71.6 -28.9 -179.5 80 25.1 -30.3 12.6 152.8 -37.5 -85.0 -27.2 -174.6 100 24.8 -30.3 12.6 146.0 -36.4 -95.9 -25.7 172.7 200 9.4 -27.1 12.6 111.4 -31.8 -19.8 -142.3 142.7 300 -21.5 12.6 75.6 -28.6 -15.4 179.1 -15.2 - - S11- - dB Ang - - S21- - dB Ang - - S12- - dB Ang - - S22- - dB Ang Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532 03/11/05 www.SpectrumMicrowave.com Spectrum Microwave (Europe) * 2707 Black Lake Place * Philadelphia, Pa. 19154 * PH (215) 464-4000 * Fax (215) 464-4001 |
Price & Availability of QBH-105 |